Part Number Hot Search : 
40007 MA11FAX BC445 BAT85 88XS23D7 AD734ANZ 2SC41 VAL1Z
Product Description
Full Text Search
 

To Download TDP14011001FUF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TDP
Vishay Thin Film
Molded, Dual-In-Line Resistor Networks
FEATURES
* Lead (Pb)-free available * Standard Rugged, molded case construction (14 and 16 Pin) * Highly stable thin film (500 ppm at + 70 C at 2000 hours) * Low temperature coefficient ( 25 ppm/C) * Compatible with automatic insertion equipment * Standard isolated pin one common schematic
Pb-free Available
RoHS*
COMPLIANT
Actual Size
Vishay Thin Film offers two standard circuits in a 14 and 16 pin molded dual- in-line over a 100 to 100 k resistance range. The networks feature ratio tolerance to 0.05 % with a TCR tracking of 5 ppm/C.
TYPICAL PERFORMANCE
ABS TCR 25 ABS TOL 0.1 TRACKING 5 RATIO 0.05
SCHEMATIC Schematic TDP01
Schematic TDP03
THROUGH HOLE NETWORKS
Pin No. 1
Pin No. 1
TDP-1401 TDP-1601
TDP-1403 TDP-1603
Models: TDP1401 and TDP1601 13 or 15 resistors with one pin common
Models: TDP1403 and TDP1603 7 or 8 isolated resistors
STANDARD ELECTRICAL SPECIFICATIONS
TEST Schematic Resistance Range TCR: Tolerance: Power Rating: Stability: Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute Ratio Ratio Absolute Ratio Absolute Resistor Package R Absolute R Ratio SPECIFICATIONS TDP01, TDP03 100 to 100 k 5 ppm/C 25 ppm/C 0.05 % to 0.5 % 0.1 % 01 Circuit = 0.05 W/resistor 03 Circuit = 0.10 W/resistor 0.8 W/package 500 ppm 150 ppm < 1 ppm/V typical 100 V - 55 C to + 125 C - 55 C to + 150 C < - 30 dB 0.08 V/C 100 ppm 20 ppm 1 year at + 25 C 1 year at + 25 C - 55 C to + 125 C - 55 C to + 125 C + 25 C + 25 C at + 25 C Max. at + 70 C 2000 h at + 70 C 2000 h at + 70 C CONDITIONS
* Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 90 For technical questions, contact: thin-film@vishay.com Document Number: 60045 Revision: 16-May-07
TDP
Molded, Dual-In-Line Resistor Networks
Vishay Thin Film
DIMENSIONS AND IMPRINTING in inches and millimeters
A Part
DIMENSION A
INCHES 0.755 0.250 0.075 0.100 0.018 0.060 0.025 0.190 0.130 0.320 0.310 0.010
MM 19.18 6.35 1.91 2.54 0.46 1.52 0.64 4.83 3.30 8.13 7.87 0.25
B
TDP14XX
B C
Pin #1 Vishay logo Date Code
D E
H
F
K
G
G H
J
F C E D
L
J K L M
M
THROUGH HOLE NETWORKS
A Part
DIMENSION A
INCHES 0.755 0.250 0.025 0.100 0.018 0.060 0.025 0.190 0.130 0.320 0.310 0.010
MM 19.18 6.35 0.64 2.54 0.46 1.52 0.64 4.83 3.30 8.13 7.87 0.25
B
TDP16XX
B C
Pin #1 Vishay logo Date Code
D E F
H
G
G J
K
H J
F C E D
L
K L M
M
Document Number: 60045 Revision: 16-May-07
For technical questions, contact: thin-film@vishay.com
www.vishay.com 91
TDP
Vishay Thin Film
Molded, Dual-In-Line Resistor Networks
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Body Terminals Plating Marking Resistance to Solvents Lead (Pb)-free Option Lead (Pb)-free Finish Passivated Nichrome Silicon or Alumina Molded Epoxy Copper Alloy #42 Sn60 Per MIL-PRF-83401 100 % Sn Matte Plated
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TDP14031002BUF (preferred part number format)
T T D
D P
P T
1 1
4 6
0 0
3 3
1 1
0 0
0 0
2 3
B A
U U
F F
GLOBAL MODEL (3 or 4 digits)
PINS 14 16
SCHEMATIC 01 = 13 or 15 resistors with 1 common pin 03 = 7 or 8 isolated resistors
RESISTANCE First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1001 = 1K 1002 = 10K
TOLERANCE AND RATIO TOLERANCE Abs. Tol. *A = 0.1 % B = 0.1 % C = 0.25 % D = 0.5 % F=1% Ratio 0.05 % 0.1 % 0.1 % 0.1 % 0.5 %
PACKAGING UF = TUBED
THROUGH HOLE NETWORKS
TDP (Tin Lead) TDPT (Lead(Pb)-free) (e3)
* Tol. available on 1 k and up only R1 is reference resistors
Historical Part Number example: TDP14031001F (will continue to be accepted) TDP SERIES 14 PINS 03 SCHEMATIC 1001 RESISTANCE F TOLERANCE AND RATIO TOLERANCE
www.vishay.com 92
For technical questions, contact: thin-film@vishay.com
Document Number: 60045 Revision: 16-May-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TDP14011001FUF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X